PART |
Description |
Maker |
T0505XH T0509DH T0509SH T0509MH T0509NH T0509XH T0 |
From old datasheet system SENSITIVE GATE TRIACS 400 V, 5 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220 800 V, 5 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
BTA41 BTA40 BTA40-600B BTA40-600BRG BTA40-800B BTA |
600 V, 40 A, 4 QUADRANT LOGIC LEVEL TRIAC 40 A standard TRIACs 800 V, 40 A, 4 QUADRANT LOGIC LEVEL TRIAC
|
STMicroelectronics
|
TIC206S TIC206D TIC206M |
700 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220 400 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220
|
POWER INNOVATIONS LTD
|
BT136B BT136B-500 BT136B-500F BT136B-500G BT136B-6 |
Transient Voltage Suppressor Diodes 双向可控 Triacs 800 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-263 8-Bit Multi-Level Pipeline Register 24-SOIC -40 to 85 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-263 8-Bit Multi-Level Pipeline Register 24-SOIC -40 to 85 双向可控 Triacs sensitive gate Triacs logic level
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BTA204M-800F BTA204M-500D BTA204M-500E BTA204M-500 |
Three quadrant triacs guaranteed commutation 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Three quadrant triacs guaranteed commutation(三象限双向确保换向可控硅) 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Three quadrant triacs guaranteed commutation 500 V, 4 A, TRIAC, TO-252 Three quadrant triacs guaranteed commutation(三象限双向确保换向可控硅) 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Transient Voltage Suppressor Diodes From old datasheet system TRIAC|800V V(DRM)|4A I(T)RMS|SOT-428 TRIAC|500V V(DRM)|4A I(T)RMS|SOT-428 TRIAC|600V V(DRM)|4A I(T)RMS|SOT-428
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
HNT640 HNT616 HIT625 HNT216 |
600 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 600 V, 25 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 200 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218
|
|
MAC99706 MAC997B8RLRP MAC997 MAC997A6 MAC997A6RL1 |
400 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Ammunition Box; Qty per Container: 2000 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Bulk; Qty per Container: 5000 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs Silicon Bidirectional Thyristors
|
ONSEMI[ON Semiconductor]
|
BTA201W08 BTA201W-600E BTA201W-800E |
1 A Three-quadrant triacs high commutation Logic level three-quadrant triac BTA201W-600E<SOT223 (SC-73)|<<http://www.nxp.com/packages/SOT223.html<1<Always Pb-free,; Logic level three-quadrant triac BTA201W-800E<SOT223 (SOT223)|<<http://www.nxp.com/packages/SOT223.html<1<Always Pb-free,;
|
NXP Semiconductors N.V.
|
Z0109NA |
Logic level four-quadrant triac
|
NXP Semiconductors
|
Z0107MA |
Logic level four-quadrant triac
|
NXP Semiconductors
|
934057055135 568-2194-2 Z0103NN/T3 |
Logic level four-quadrant triac
|
NXP Semiconductors
|
Z0103DA1AA2 Z0109DA |
400 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92
|
STMICROELECTRONICS
|
|